Part Number Hot Search : 
72633K1 AN440 GP2S6005 206R56M2 UPD4364 CS1000 NJW4351 APT15
Product Description
Full Text Search
 

To Download TSH-105-01-T-DH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,00mm) .0787" tsh, tmms series tsh?110?01?l?dh?sl tsh?125?01?f?dv tmms?110?01?l?q?fs tmms?105?01?g?q?ra?fs tsh?115?01?t?d www.samtec.com (2,00) .0787 02 01 (no. of positions + 2) x (2,00) .0787 (5,26) .207 (5,33) .210 (3,20) .126 (2,46) .097 (7,06) .278 (2,00) .0787 (2,44) .096 (2,00) .079 (2,41) .095 (1,27) .050 dia (1,27) .050 (4,00) .158 (0,50) .0197 sq (6,32) .249 (6,22) .245 ?d = vertical through-hole ?dv = vertical surface mount ?ra = right angle through-hole ?dh = horizontal surface mount plating option 1 no. pins per row tsh 01 row option ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25m) gold on post, matte tin on tail ?t = matte tin 05, 10, 15, 20, 25, 30, 35, 40, 45 (40 & 45 = ?d & -d-ra only) (call samtec for other sizes) ?d ?d v ?dh ?ra other option ?lc = locking clip (?dv only) (n/a with -a) (manual placement required) ?a = alignment pin (?dv only) (n/a with -lc) ?sl = solder locks (?dh only) ?k = (4.50mm) .177" dia polyimide film pick & place pad (not available on 15 - 30 positions) (?dh only) ?m = metal pick & place pad (?dv only) (n/a -t plating) ?tr = tape & reel note: some lengths, styles and options are non-standard, non-returnable. for complete speci cations and recommended pcb layouts see www.samtec.com?tsh insulator material: black liquid crystal polymer terminal material: phosphor bronze plating: sn or au over 50? (1,27?) ni current rating: 3a @ 80? ambient operating temp range: -55? to +105? with tin; -55? to +125? with gold rohs compliant: ye s processing: lead?free solderable: ye s smt lead coplanarity: (0,15mm) .006" max for complete speci cations see www.samtec.com?tmms insulator material: black, lcp terminal material: phosphor bronze plating: sn or au over 50? (1,27?) ni operating temp range: -55? to +105? with tin; -55? to +125? with gold rohs compliant: ye s lead?free solderable: ye s specifications specifications mates with: clt, sqt, sqw, esqt, tle, smm, mms, ptf tmms mates with: sqt, sqw, esqt 1 no. pins per row 01 option plating option 05, 10, 15, 20, 30, 40 & 50 ?ra = right angle q fs ambient temperature 20c 40c 60c 80c 5.5a 5a 4a 3a current rating tmms mated with sqt note: some lengths, styles and options are non-standard, non-returnable. (8,51) .335 04 01 (12,07) .475 no. of positions x (2,00) .0787 +(0,81) .032 (no. of positions x (2,00) .0787) + (4,37) .172 (2,00) .0787 (2,00) .0787 (0,51) .020 sq (7,59) .299 (3,30) .130 (2,87) .113 (0,25) .010 (2,29) .090 (4,00) .1574 (6,00) .2362 (2,00) .0787 (1,91) .075 ?ra row note: other gold plating options available. contact samtec. note: other gold plating options available. contact samtec. ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25m) gold on post, matte tin on tail ?g = 20" (0,51m) gold on post, gold ? ash on tail shrouded headers f-211


▲Up To Search▲   

 
Price & Availability of TSH-105-01-T-DH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X